Part Number Hot Search : 
SKA11420 CP547 LSE2041 154003 BZX79C15 AD5271 LTC1591C T9204A
Product Description
Full Text Search
 

To Download FRF1601G1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FRF1601G - FRF1607G
Isolated 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers ITO-220AB
Features
Glass passivated chip junction. High efficiency, Low VF High current capability High reliability High surge current capability Low power loss
Mechanical Data
Cases: ITO-220AB molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Pure tin plated, Lead free. Leads solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: o 260 C /10 seconds 0.25",(6.35mm) from case. Mounting position: Any Weight: 2.24 grams Mounting torque: 5 in - 1bs. max.
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 8.0A Maximum DC Reverse Current @ T C =25 C at Rated DC Blocking Voltage @ T C =125 oC Maximum Reverse Recovery Time ( Note 1) Typical Junction Capacitance (Note 3) Typical Thermal Resistance (Note 2)
o
Symbol FRF V RRM V RMS V DC I(AV) IFSM VF IR Trr 50 35 50
FRF FRF FRF FRF FRF FRF 1601G 1602G 1603G 1604G 1605G 1606G 1607G
Units
V V V A A V uA uA nS pF o C/W o C
100 70 100
200 140 200
400 280 400 16.0 150 1.3 5.0 100
600 420 600
800 560 800
1000 700 1000
150
Cj
R JC
Operating and Storage Temperature Range T J ,T STG 1. Reverse Recovery Test Conditions: IF =0.5A, IR =1.0A, IRR =0.25A. Notes: 2. Thermal Resistance from Junction to Case Per Leg Mounted on Heatsink Size 2" x 3" x 0.25" Al-Plate. 3. Measured at 1MHz and Applied Reverse Voltage of 4.0 Volts D.C.
250 50 5.0 -65 to +150
500
Version: A06
RATINGS AND CHARACTERISTIC CURVES (FRF1601G THRU FRF1607G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
1000
FIG.2- TYPICAL REVERSE CHARACTERISTICS PER LEG
20
AVERAGE FORWARD CURRENT. (A)
16
12
INSTANTANEOUS REVERSE CURRENT. ( A)
100
8
Tj=125 0C
10
4
0
0
50
100
o
150
CASE TEMPERATURE. ( C)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
300
1
Tj=25 0C
PEAK FORWARD SURGE CURRENT. (A)
250
TJ=125 0C
8.3ms Single Half Sine Wave JEDEC Method
0.1 0 20 40 60 80 100 120 140
200
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
150
100 80 50 40 0 NUMBER OF CYCLES AT 60Hz
FIG.5- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
INSTANTANEOUS FORWARD CURRENT. (A)
1
2
5
10
20
50
100
20 10
FIG.4- TYPICAL JUNCTION CAPACITANCE
300 Tj=25 0C f=1.0MHz Vsig=50mVp-p
250
4 2 1
CAPACITANCE.(pF)
200
150
100
0.4 0.2 0.1 0.8
50
Tj=25oC Pulse Width=300 s 1% Duty Cycle
0.9 1.0 1.1 1.2 1.3 1.4 1.5
0 0.1
0.5
1
5
10
50
100
500 1000
REVERSE VOLTAGE. (V)
INSTANTANEOUS FORWARD VOLTAGE. (V)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
Version: A06


▲Up To Search▲   

 
Price & Availability of FRF1601G1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X